Part Number Hot Search : 
100LS F2001 R14S5 F472J 1N4121 A6040 PR1400PT MTZJ10C
Product Description
Full Text Search
 

To Download MC68322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor, Inc.
Order this document by MC68322/D
Microprocessor and Memory Technologies Group
MC68322
Product Brief
Integrated Printer Processor
The MC68322 is a high-performance integrated printer processor, which combines an MC68000 compatible EC000 Core processor, a RISC graphics processor (RGP) and a print engine video controller (PVC) with numerous system integration features on a single integrated circuit. It is the first of Motorola's M68000 family designed specifically for laser printers. The MC68322 provides a unique solution for new designs as well as an excellent migration path for existing M68000-powered printers. Additionally, the new chip will find ready application to the inkjet printer and multifunction-peripheral (Fax/Modem/Printer) markets and other embedded control applications, which require very fast bit manipulations. The MC68322 provides outstanding performance at an extremely affordable price. Historically, printer applications have been solved using a single general purpose processor and external application specific circuitry. The MC68322 employs a highly specialized, multi-processor architecture, which enables the user to take advantage of memory reduction techniques. This design implementation provides a technically superior and more cost effective system solution. Specialized display list banding techniques executed by the dedicated RISC graphics processor enable system memory requirements to be significantly reduced. The use of software memory reduction techniques alone, an approach taken by conventional controllers, lack the power needed to handle complex pages, causing the controller to fall back to lower resolution or reduced page throughput. By integrating an EC000 Core, RGP, and PVC using a unique dual bus architecture, the MC68322 optimizes overall system performance. The dual bus architecture eliminates bus contention between processing units creating a true parallel processing environment. The additional bandwidth allows each processing unit to operate at peak performance. Working in conjunction with an onchip, programmable, bursting DRAM controller, the processing units are capable of achieving outstanding throughput. These dedicated processing units enable the MC68322 to produce 600 dot per inch images using substantially less memory than conventional controllers. The MC68322 extends these benefits to lowcost 4-8 page per minute printers. The MC68322 significantly reduces component count, board space, power consumption and their inherent costs while yielding higher reliability and shorter design time. The MC68322 provides support for toner conservation, enabling the print controller to conserve toner when printing in draft mode. The MC68322 provides the perfect printing environment for users of complex page description languages (such as PCL and PostScript) and less scaleable graphics imaging models such as Windows Printing System and QuickDraw). Complete code compatibility with the M68000 Family provides the designer access to a broad base of established real-time kernels, operating systems, languages, applications and development tools, many of which are optimized for embedded processing and printing applications. Figure 1 shows a block diagram of the MC68322.
Freescale Semiconductor, Inc...
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.Company and product names that appear in this document are for identification purposes and should be considered registered trademarks of their respective owners.
SEMICONDUCTOR PRODUCT INFORMATION
(c) MOTOROLA 1994
For More Information On This Product, Go to: www.freescale.com
Freescale Semiconductor, Inc.
Freescale Semiconductor, Inc...
PARALLEL PORT IEEE 1284 STATIC EC000 CORE
PARALLEL PORT DMA
GRAPHICS EXECUTION UNIT (GEU) RISC GRAPHICS PROCESSOR (RGP)
DMA PROM SYSTEM INTEGRATION MODULE (SIM) EC000 BUS DRAM CONTROL PRINT ENGINE VIDEO CONTROLLER (PVC) BUS INTERFACE UNIT GRAPHICS BUS
PERIPHERAL (OPTIONAL)
IN-CIRCUIT EMULATION (OPTIONAL)
LOCAL TALK
SERIAL
ETHERNET
SCSI
CLOCK
DRAM
PRINT ENGINE
Figure 1. System Block Diagram
2
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
MOTOROLA
Freescale Semiconductor, Inc.
FEATURES
* Static EC000 Core Processor - Complete Code Compatibility with M68000 Family - Glueless Interface to Peripherals - 256 Mbyte Address Range * Graphics Execution Unit (GEU) - Memory Reduction Techniques - Run Length Encoded Scan Line Tables - RISC Graphics Processor (RGP) - Processes Multi-Operation Graphics Orders from Display List - Produces Compressed Bit Map Image using Hardware Banding
Freescale Semiconductor, Inc...
- Dedicated Graphics Bus Allows up to 8 PPM Performance at 600 DPI Resolution - Print Engine Video Controller (PVC) - Converts Bit Map Image to Serial Data Stream and Feeds Print Engine - Generic, Programmable, Non-Impact Printer Communications Interface - Toner Conservation Technique - Dedicated High-Performance DMA Controller for GEU Operations * Bus Interface Unit (BIU) - Dual Bus Architecture Allows Separate Buses to Function Independently - Distributed Processing Optimizes System Performance * System Integration Module (SIM) - 8 Programmable Chip Selects - 256 Kbytes to 512 Mbytes of PROM Address Space - Independently Programmable Timing Parameters for each ROM Bank - Integrated System Timer * DRAM System Integration Module (DSIM) - Supports 512 Kbyte, 2 Mbyte, and 8 Mbyte DRAM Bank Sizes - Directly Controls up to 6 Banks of DRAM; Supports up to 48 Mbytes of DRAM - Programmable Transparent Refresh of DRAM Banks - Bursting DRAM Interface * General-Purpose DMA Controller Module - Provides High Speed Downloads Without Impact to Core Processor Performance * IEEE 1284 Parallel Port Controller Module - DMA Controller Supports 2 Mbyte/sec Bidirectional Communication Transfers * 16MHz or 20MHz Operation * 160 Pin Plastic Quad Flat Pack (QFP)
MOTOROLA
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
3
Freescale Semiconductor, Inc.
MC68322 SIGNAL DESCRIPTION
Figure 2 illustrates the MC68322 input and output signals within their functional groups. Table 1 lists the signal names, mnemonics, and functional descriptions of the MC68322 signals.
PD7-PD0 SELECTIN STROBE AUTOFD
A25-A1 D15-D0 CS7-CS0 RD WRU WRL WAIT IRQ1-IRQ0 CLK2 RESET TEST MC68322 MA10-MA0 MD15-MD0 RAS5-RAS0 CAS1-CAS0 WE DREQ DACK AS R/W EDTACK BR BG
ADDRESS BUS DATA BUS
Freescale Semiconductor, Inc...
PARALLEL PORT INTERFACE
INIT ACK BUSY SELECT PERROR FAULT VCLK
EC000 CORE INTERFACE
SYSTEM INTERFACE MEMORY ADDRESS BUS MEMORY DATA BUS DRAM INTERFACE DMA INTERFACE
PVC INTERFACE
FSYNC LSYNC VIDEO PRINT
CCLK PRINTER COMMUNICATION INTERFACE CBSY SBSY CMD/STS STS
EXTERNAL BUS MASTER INTERFACE
Figure 2. MC68322 Functional Signal Groups
4
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
MOTOROLA
Freescale Semiconductor, Inc.
Table 1. Signal Index
Signal Name Address Bus Address Strobe Auto Feed Control Bus Grant Bus Request Chip Select Clock Mnemonic A25-A1 AS AUTOFD BG BR CS7-CS0 CLK2 25-bit external address bus. Indicates a valid address is on the bus. Parallel port control signal. Asserted to grant bus mastership to an external device. Asserted by an external device to request bus master ship. PROM and I/O chip selects. 2x system clock. DRAM column address strobes. Command busy indicates that a command will be sent to the printer. Command clock is the command/status clock to/from the printer. Command/status data is the synchronous communications and data out to the printer, or the bidirectional command/status data to or from the printer. 16-bit data bus used for byte or word transfers. Output that indicates data transfer is complete. Input that starts a DMA transfer. Multiplexed DRAM address bus. 16-bit DRAM data bus. External master support signal. Indicates the top of the page in response to a print request. Parallel port initialize control. Interrupt request input. Indicates the left edge of the page. Parallel port interface bidirectional data bus. Print request requests a page to be printed. Parallel port printer busy. Parallel port signal that latches incoming data. Parallel port printer error. Parallel port paper error. Parallel port request for "on-line" status. Printer "on-line". PROM and I/O read enable strobe. Identifies the transfer as a read or write. Processor reset. DRAM row address strobe. Indicates a status wants to be received from the printer. Status data is the synchronous status data from the printer. Function
Column Address Strobe CAS1, CAS0 Command Busy CBSY CCLK CMD /STS D15-D0 DACK DREQ MA10-MA0 MD15-MD0
Freescale Semiconductor, Inc...
Command Clock Command/Status Data Data Bus DMA Acknowledge DMA Request DRAM Address Bus DRAM Data Bus
External Master DTACK EDTACK Frame Sync Initialization Input Interrupt Request Line Sync PPI Data Bus Print Request Printer Busy Printer Data Strobe Printer Error FSYNC INIT IRQ1, IRQ0 LSYNC PD7-PD0 PRINT BUSY STROBE FAULT
Printer Paper Path Error PERROR Printer Select Printer Selected Read Enable Read/Write Reset Row Address Strobe Status Busy Status Data SELECTIN SELECT RD R/W RESET RAS5-RAS0 SBSY STS
MOTOROLA
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
5
Freescale Semiconductor, Inc.
Table 1. Signal Index (Continued)
Signal Name Test Transfer Acknowledge Video Video Clock Wait Write Enable Write Enable - Lower Write Enable - Upper Mnemonic TEST ACK VIDEO VCLK WAIT WE WRL WRU Test mode pin. Parallel port transfer acknowledge. Video is the digital serial video image. Video clock is used to shift the video image. PROM and I/O wait. DRAM write enable strobe. PROM and I/O write enable strobe indicates valid data on D7-D0. PROM and I/O write enable strobe indicates valid data on D15-D8. Function
TERMS AND DEFINITIONS
Freescale Semiconductor, Inc...
BANDING
Banding is the process of building an image out of strips called bands. These bands, which describe the graphics operations necessary to construct the bit-mapped image for the page, are represented in an intermediate form called a display list. The printer display language (PDL) emulator firmware running on the EC000 Core generates the display list before the print engine begins the actual printing process. Generally, band n + 1 is being composed while band n is being output to the print engine. Banding is desirable in printer controllers because the resulting system cost can be greatly reduced due to the significant memory savings associated with this technique. For banding to be viable, the display list must meet two requirements: it must fit in considerably less memory than the full-page image would require and the commands required to generate a band (called graphic orders) must be executable within the time it takes to print the previous band.
RUN-LENGTH ENCODING (RLE)
The scanline graphics orders contained within the display list reference a set of associated tables located in memory. These scanline tables contain bitstring specifiers that are run-length encoded in order to characterize an extremely compact representation of a bit-mapped image. The combination of run length compressed graphics data and the elimination of redundant information in the display list enables the display list to be significantly smaller than the actual bit-mapped image.
EC000 CORE PROCESSOR UNIT
The EC000 Core is a static, low-power, 32-bit general purpose microprocessor. It has a 28-bit address range for internal register decoding of chip selects and DRAM controller functions. This address range allows for full code compatibility with existing M68000 family based designs and future upward compatibility to higher performance designs. The EC000 Core is register and memory map compatible with the industry standard MC68000 and MC68HC000 processors. The EC000 Core performs general purpose computing, I/O handling, exception handling, and display list rendering. For more information about the EC000 Core, refer to the MC68322 User's Manual. The MC68322 was designed to support EC000 Core in-circuit emulation so that new hardware and software designs, which are being ported to the MC68322, can be tested rapidly. This is accomplished by providing additional signals in a 208-pin pin grid array (PGA) package that are not available in the 160-pin quad flat pack (QFP) package.
6
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
MOTOROLA
Freescale Semiconductor, Inc.
GRAPHICS EXECUTION UNIT (GEU)
The GEU is comprised of two independent processing units, the RGP and the PVC. The GEU performs all graphics functions required by complex PDLs. One of these functions is the bit-block transfer (BitBLT). The MC68322 performs extremely fast BitBLT operations. One, two, and three operand BitBLT operations are supported yielding 256 logical BitBLT operation combinations. The MC68322 also provides flexibility, through control registers, to provide many configurations. These control registers provide printer video characteristics (such as margins, width, and height), system memory timing, wait states, access auto termination, DRAM control, and external device access control.
GEU OPERATION
The RGP and PVC perform burst read and write accesses to DRAM through the DRAM controller. The RGP interprets a display list, which the EC000 Core or host application generates, to render a banded bit map page image. After a page image (or band image) is rendered by the RGP, the PVC converts the bitmap image into a serial data stream and transfers the rendered page image through the video interface to the print engine. The software interfaces to the RGP and PVC employ a combination of resources, including MC68322 registers and interrupts. The RGP and PVC require only a minimal amount of initialization and intervention by the EC000 Core to produce a banded page image and to transfer the image to the print engine. A functional block diagram depicting the GEU operations of the MC68322 is illustrated in Figure 3.
Freescale Semiconductor, Inc...
PROM * * * * * * * * * * * *
MC68322 GRAPHICS EXECUTION UNIT (GEU) RISC GRAPHICS PROCESSOR (RGP) EC000 CORE PRINT ENGINE VIDEO CONTROLLER (PVC) DRAM CONTROL
DRAM * * DISPLAY LIST * * BAND1 * BAND0 *
PRINT ENGINE
Figure 3. MC68322 Functional Block Diagram
RISC GRAPHICS PROCESSOR (RGP)
The RGP is a high-performance bit-image processor optimized for the 16-bit DRAM interface on the MC68322. The RGP achieves performance levels that enable the MC68322 to be used effectively in banding applications or in other high-speed or high-density bit-mapped graphics products. The RGP is comprised of several major blocks: graphic order parser, graphic order execution unit, write back logic and band control registers. The software interface to the RGP consists of three registers: RGP start register (RSR), RGP diagnostic register (RDR), and the RGP interrupt event register (RIER). The RGP is activated when the EC000 Core writes the starting address of a display list into the RSR. A display list is a list of special instructions called graphic orders. The RGP executes these graphic orders to
MOTOROLA
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
7
Freescale Semiconductor, Inc.
render a page or band image. When the end of the display list is reached, the RGP generates an interrupt and waits for another display list address. The RSR is double buffered so a second display list address can be loaded while the RGP is working on the first display list. Upon completion of the first display list, an interrupt is generated and the second display list begins executing immediately. The RGP can render an entire page from a display list or multiple bands from a single banded display list. A banded display list contains band information near the beginning of the display list. This band information includes the address and size of the band as well as the band number that is to be processed. The RGP uses this information to determine which orders from the display list to process and where in memory to create the bit map image for this specific band. The write back logic of the RGP automatically updates any graphic orders that cross band boundaries in order to prepare them for execution during rendering of the following band. This is done without any intervention from software running on the EC000 Core. After one band is fully rendered and the RGP generates an interrupt, software simply adjusts the display list to reflect the next band information and then restarts the RGP.
Freescale Semiconductor, Inc...
PRINT ENGINE VIDEO CONTROLLER (PVC)
The PVC is started by loading a set of registers, known as the printer control block (PCB) with the dimensions and location of the print image. When the last register is loaded, the PVC fetches the first page band image data from memory and waits for the print engine to signal start-of-page via frame synchronize (FSYNC). When FSYNC is detected, the PVC generates a band begin interrupt and transmits the page image video data to the print engine. When the entire page band image is transmitted, a page end interrupt is generated allowing software to reclaim the image memory space. The MC68322 contains a generic non-impact printer video interface, suitable for virtually all printers currently on the market. The video interface supports most laser printer and various inkjet interfaces. The PVC moves rasterized data from DRAM to the video port automatically. A digital phase locked loop is provided for those printers that do not supply a video clock source. The generic video interface consists of the I/O signals defined in Table 4. Table 4. MC68322 PVC I/O Signals
Signal PRINT FSYNC LSYNC VIDEO VCLK I/O O I I O I Description Print Request requests a page to be printed. Frame Sync indicates the top of the page in response to a print request. Line Sync indicates the left edge of the page. Video is the digital serial video image. Video Clock is used to shift the video image (either from the printer, or an 8x clock used for the digital phase locked loop).
PRINTER COMMUNICATION INTERFACE
The MC68322 provides signals for printer communications interfacing to 8-bit synchronous full duplex interface printers. Interrupts, if enabled, indicate when a serial command has been sent or a serial status has been received. For synchronous operation, the signals are defined in Table 5.
8
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
MOTOROLA
Freescale Semiconductor, Inc.
Table 5. MC68322 Printer Communications Interface I/O Signals
Signal CBSY SBSY CMD/STS STS CCLK I/O O I I/O I I/O Description Command busy indicates that a command will be sent to the printer. Status busy indicates the printer is ready to receive status. Command/Status Data is the synchronous command data out to the printer, or the bi-directional command/status data to/from the printer. Status Data is the synchronous status data from the printer. Command Clock is the command/status clock to/from the printer.
Freescale Semiconductor, Inc...
The MC68322 contains two 8-bit registers for synchronous communications, a command register and a status register. When the command register is written, the CBSY signal is brought active and the command data is sent as a serial stream on the CMD line with CCLK toggling high-to-low and low-to-high once per command bit. When the print engine is ready to respond with status, it does so by activating the SBSY signal. This causes the MC68322 to toggle CCLK high-to-low and low-to-high eight times (once per status bit) and assemble serial data from the STS line into the status register.
ON-CHIP PERIPHERALS
To improve total system throughput and reduce part count, board size, and cost of system implementation, the M68300 family integrates on-chip, intelligent peripheral modules and typical glue logic. The MC68322 has five modules to assist the EC000 Core and GEU. These five modules are the bus interface unit (BIU), system integration module (SIM), DRAM system integration module (DSIM), general purpose direct memory access (DMA) controller, and parallel port interface (PPI).
BUS INTERFACE UNIT (BIU)
The dual bus architecture of the MC68322 allows the printing workload to be distributed among processing units and executed in parallel. Because studies have shown that 70% of all MC68000 bus accesses are instruction fetches, the MC68322 has been designed so that the EC000 Core bus traffic to DRAM is less than 30% of all EC000 bus accesses. The BIU allows the EC000 Core and GEU, which reside on separate bus structures, to function independently by handling general purpose DMA, and EC000 Core accesses to DRAM. The EC000 Core can perform instruction and PROM data fetches without impacting GEU bus operations. However, the GEU has a higher priority than the EC000 Core for DRAM accesses in order to print pages correctly. The BIU, in conjunction with the SIM, also allows SRAM to be added to the EC000 Core bus for system stack space, temporary data storage, or as a buffer for peripheral data.
SYSTEM INTEGRATION MODULE
The SIM provides the ROM, PROM, and I/O chip selects. It contains eight chip selects that can be programmed to decode the address and internally supply the DTACK after the appropriate number of wait states. Each chip select can be programmed to support up to 64 Mbytes of address space.
CHIP-SELECT BANKS AND REGISTERS
The eight chip-selects directly support ROM, PROM and I/O chip-select banks. Each ROM or I/O bank is pointed to by a corresponding chip-select register through the base address field. These eight chip-select
MOTOROLA
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
9
Freescale Semiconductor, Inc.
banks are individually programmable for an address range of 256 Kbytes to 64 Mbytes. Each ROM or I/O bank can be a different size or disabled. On reset, chip-select bank 0 is set to 8 Mbytes and chip-select banks 7 through 1 are disabled. They can also be individually located anywhere within the 256 Mbyte memory map and can be contiguous or disjoint, as required by the operating environment. The chip-selects for each bank can be selected to provide a wide range of timing parameters. The timing parameters that can be programmed are set up time, access time, hold time, and recovery time for both reads and writes. The SIM on the MC68322 provides internal bus cycle auto-acknowledge and wait states, which can be inserted as required.
DRAM SYSTEM INTEGRATION MODULE (DSIM)
Freescale Semiconductor, Inc...
A fully integrated bursting DRAM controller is on-chip to provide a cost-effective and efficient DRAM interface to the MC68322. The DRAM controller has six RAS signals to provide for multiple DRAM banks of different sizes. With six RAS signals, multiple banks of DRAM can be supported to allow end users to add DRAM SIMM modules for more expandability. The DRAM controller also has upper and lower CAS signals to perform DRAM byte selects. A CAS before RAS refresh is programmable along with bank sizes and access timer. The DRAM controller multiplexes addresses to provide up to 8 Mbytes of DRAM address space per bank. Additionally, the DRAM controller provides a separate 16-bit DRAM data path and a write enable signal for a glueless DRAM interface.
DRAM BANKS AND REGISTERS
The MC68322 directly supports up to six DRAM banks with a bursting read and write interface. Each DRAM bank is pointed to by a corresponding DRAM register through the base address field. Each DRAM register contains a base address field containing the internal address bits A27-A19 in the DRAM bank's starting address. These six DRAM banks can be contiguous or disjoint as required by the operating environment. DRAM sizes are programmed through encoding the size fields of each DRAM register. The MC68322 allows for up to 8 Mbytes of DRAM in each of the eight banks. The timing parameters for each DRAM bank are preprogrammed to provide a 2, 3, or 4 clock access. On reset, all DRAM banks are disabled.
DRAM REFRESH
Refresh cycles are carried out with CAS before RAS refresh cycles. DRAMs that support CAS before RAS refresh contain an internal row address counter, which is automatically selected and incremented when the CAS signal is asserted, and followed by asserting the RAS signal. The DRAM refresh rate is fully programmable. The DRAM controller performs refreshes from system reset until the DRAM controller is initialized.
GENERAL PURPOSE DMA CONTROLLER
The MC68322 has a single-ended general purpose DMA controller integrated on-chip. The DMA can be programmed to transfer data from a high-speed I/O peripheral to DRAM with minimal intervention from the EC000 Core.
10
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
MOTOROLA
Freescale Semiconductor, Inc. PARALLEL PORT INTERFACE (PPI)
The MC68322 contains a direct, IEEE 1284 Level 2 compliant, bi-directional 8-bit PPI. The PPI supports four IEEE 1284 communications modes: compatibility (Centronics), nibble, byte, and enhanced capabilities port (ECP). It also fully supports all variants of these modes, including device ID requests and run-length encoded data compression. The PPI contains specialized hardware to provide automatic handshaking during forward data transfers. When hardware handshaking is used in conjunction with the parallel port's dedicated DMA controller, transfer rates as high as 2 Mbytes/sec can be achieved in the ECP forward mode. The hardware handshaking can also be completely disabled to allow software to directly control the parallel port interface signals and to support new protocols. Control and data signals are brought out to provide a glueless interface to the parallel port.
Freescale Semiconductor, Inc...
MOTOROLA
MC68322 PRODUCT INFORMATION For More Information On This Product, Go to: www.freescale.com
11
Freescale Semiconductor, Inc.
The following table identifies the operating frequency, voltage, and available package type for the MC68322. MC68322 Package/Frequency Availability
Package Plastic Quad Flat Pack (FT) 16 MHz -5 V 20 MHz-5 V
The documents listed in the following table contain detailed information on the MC68322. These documents may be obtained from the Literature Distribution Centers at the addresses listed at the bottom of this page. Documentation
Document Title Order Number M68000PM/AD BR729/D MC68322UM/AD
Freescale Semiconductor, Inc...
M68000 Family Programmer's Reference Manual The 68K Source MC68322 User's Manual
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141 Japan. ASIA-PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
SEMICONDUCTOR PRODUCT INFORMATION
For More Information On This Product, Go to: www.freescale.com


▲Up To Search▲   

 
Price & Availability of MC68322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X